Part Number Hot Search : 
SMS12 AN8387 OPF542 TLHF4200 RTR030P TFS82B EML5431 S272J1
Product Description
Full Text Search
 

To Download EF10C01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c749e3 issued date : 2006.07.26 revised date : page no. : 1/3 ef10cxxe3 cystek product specification 10amp. glass passivated efficien t fast recovery rectifiers ef10cxxe3 series features ? fast switching for high efficiency ? low forward voltage drop ? high current capability ? low reverse leakage current ? high surge current capability mechanical data ? case: molded plastic, to-220ab ? terminals: solderrable per mil-std-202 method 208 ? epoxy: ul 94v-0 rate flame retardant ? mounting position: any ? weight: 2.24 grams maximum ratings and electrical characteristics ( rating at 25 c ambient temperature unless otherwise sp ecified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%.) type parameter symbol ef 10c01 ef 10c02 ef 10c03 ef 10c05 ef 10c06 units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 v maximum rms voltage v rms 35 70 140 280 420 v maximum dc blocking voltage v dc 50 100 200 400 600 v maximum instantaneous forward voltage@ i f =5a v f 0.95 1.25 1.85 v maximum average forward rectified current @ t l =100 i (av) 10 a peak forward surge current @8.3ms single half sine wave superimposed on rated load (jedec method) i fsm 100 a maximum dc reverse current v r =v rrm ,t j =25 v r =v rrm ,t j =125 i r 10 250 a diode junction capacitance @ f=1mhz and applied 4v reverse voltage c j 65 pf maximum reverse recovery time@ i f =0.5a, i r =1a, irr=0.25a trr 25 ns typical thermal resistance, junction to lead r jc 2.2 /w storage temperature tstg -55 ~ +150 operating temperature t j -55 ~ +150
cystech electronics corp. spec. no. : c749e3 issued date : 2006.07.26 revised date : page no. : 2/3 ef10cxxe3 cystek product specification characteristic curves
cystech electronics corp. spec. no. : c749e3 issued date : 2006.07.26 revised date : page no. : 3/3 ef10cxxe3 cystek product specification to-220ab dimension inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a - 0.412 - 10.5 h 0.095 0.105 2.41 2.67 b 0.103 0.113 2.62 2.87 i 0.175 0.185 4.44 4.70 c 0.05 0.06 1.27 1.52 j 0.045 0.055 1.14 1.40 d 0.587 0.594 14.9 15.1 k 0.23 0.27 5.84 6.86 e 0.14 0.16 3.56 4.06 l 0.10 0.11 2.54 2.79 f 0.53 0.56 13.46 14.22 m 0.014 0.025 0.35 0.64 g 0.027 0.037 0.68 0.94 r 0.148 0.154 3.74 3.91 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing spec ification or packing method, please cont act your local cystek sales office. material: ? lead: 42 alloy ; solder plating ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitab le for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance . style: pin 1.anode 2.cathode 3.anode 3-lead to-220ab plastic package cystek package code: e3 equivalent circuit :


▲Up To Search▲   

 
Price & Availability of EF10C01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X